Part Number Hot Search : 
TDA15 MX25L32 EN8737A 0100C P336X DS44304 RF206 TFS70L
Product Description
Full Text Search
 

To Download PQ60018QGA25NRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product # pq60018qga25 phone 1-888-567-9596 doc.# 005-2qg618d rev. b 6/26/02 page 1 technical specification 48v in 1.8v out 25a quarter quarter brick brick the pq60018qga25 powerqor? giga quarter- brick converter is a next-generation, board-mount- able, isolated, fixed switching frequency dc/dc converter that uses synchronous rectification to achieve extremely high conversion efficiency. the power dissipated by the converter is so low that a heatsink is not required, which saves cost, weight, height, and application effort. all of the power and control components are mounted to the multi-layer pcb substrate with high-yield surface mount tech- nology. since the powerqor converter has no explicit thermal connections, it is extremely reliable. pq60018qga25 module 25 amp, no heatsink, isolated dc/dc converter mechanical features ? industry standard quarter-brick pin-out configuration  industry standard size: 1.45? x 2.3?  total height less than 0.40?, permits better airflow and smaller card pitch  total weight: 34 grams (1.2 oz.), lower mass great- ly reduces vibration and shock problems safety features  2000v, 10 m ? input-to-output isolation provides input/output ground separation  ul/cul 60950 recognized (us & canada), basic insulation rating  tuv certified to en60950  meets 72/23/eec and 93/68/eec directives which facilitates ce marking in user?s end product  board and plastic components meet ul94v-0 flam- mability requirements operational features  ultra-high efficiency, 84% at full rated load current  delivers up to 25 amps of output current with mini- mal derating - no heatsink required  wide input voltage range: 35v ? 75v with 100v 100ms input voltage transient withstand  fixed frequency switching provides predictable emi performance  no minimum load requirement means no preload resistors required protection features  input under-voltage lockout disables converter at low input voltage conditions  output current limit and short circuit protection protects converter from excessive load current or short circuits  output over-voltage protection protects load from damaging voltages  thermal shutdown protects converter from abnor- mal environmental conditions control features  on/off control referenced to input side (positive and negative logic options are available)  remote sense for the output voltage compensates for output distribution drops  output voltage trim permits custom voltages and voltage margining
product # pq60018qga25 phone 1-888-567-9596 doc.# 005-2qg618d rev. b 6/26/02 page 2 technical specification 48v in 1.8v out 25a quarter quarter brick brick pin no. name function 1 vin(+) positive input voltage 2 on/off ttl input to turn converter on and off, referenced to vin(-), with internal pull up. 3 vin(-) negative input voltage 4 vout(-) negative output voltage 5 sense(-) negative remote sense 1 6 trim output voltage trim 2 7 sense(+) positive remote sense 3 8 vout(+) positive output voltage notes: 1. pin 5 must be connected to vout(-). 2. leave pin 6 open for nominal output voltage. 3. pin 7 must be connected to vout(+). notes 1) pins 1-3, 5-7 are 0.040? (1.02mm) diameter with 0.080? (2.03 mm) diameter standoff shoulders. 2) pins 4 and 8 are 0.062? (1.57 mm) diameter with 0.100? (2.54 mm) diameter standoff shoulders. 3) other pin extension lengths available. recommended pin length is 0.03? (0.76mm) greater than the pcb thickness. 4) all pins: material - copper alloy finish - tin/lead over nickel plate 5) undimensioned components are shown for visual reference only. 6) all dimensions in inches (mm) tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm) x.xxx +/-0.010 in. (x.xx +/-0.25mm) 7) weight: 1.2 oz. (34 g) typical 8) workmanship: meets or exceeds ipc-a-610c class ii 9) ul/tuv standards require a clearance greater than 0.04? (1.02mm) between input and output for basic insulation. this issue should be considered if any copper traces are on the top side of the user?s board. note that the ferrite cores are consid- ered part of the input/primary circuit. 0.300 (7.62) 0.600 (15.24) 1.45 (36.8) 0.43 (10.9) 0.150 (3.81) 0.300 (7.62) 0.450 (11.43) 0.600 (15.24) 0.14 (3.6) 2.30 (58.4) 2.00 (50.8) top view side view pin connections mechanical diagram load board bottom side clearance see note 9 max. height lowest component 0.40 (10.2) 0.063+/-0.026 (1.60+/-0.66) 0.145 (3.68) see note 3
product # pq60018qga25 phone 1-888-567-9596 doc.# 005-2qg618d rev. b 6/26/02 page 3 technical specification 48v in 1.8v out 25a quarter quarter brick brick parameter min. typ. max. units notes & conditions absolute maximum ratings input voltage non-operating 100 v continuous operating 80 v continuous operating transient protection 100 v 100 ms transient isolation voltage (input to output) 2000 v basic level, pollution degree 2 operating temperature -40 100 c storage temperature -55 125 c voltage at on/off input pin -2 18 v input characteristics operating input voltage range 35 48 75 v input under-voltage lockout turn-on voltage threshold 32 33 34 v turn-off voltage threshold 28.5 29.5 30.5 v lockout hysteresis voltage 2.5 3.5 4.5 v maximum input current 1.5 a 100% load, 35 vin no-load input current 45 60 ma disabled input current 1.6 3 ma inrush current transient rating 0.01 a 2 s response to input transient 150 mv 1000v/ms input transient input reflected-ripple current 3 ma p-p thru 10 h inductor; figs. 13 & 15 recommended input fuse 20 a fast blow external fuse recommended input filter component values (c\l) 2.46\4.7 f\h internal values, see figure e recommended external input capacitance 33 47 f see figure 13 output characteristics output voltage set point 1.782 1.800 1.818 v output voltage regulation over line + 0.1 \ 2 + 0.3 \ 5 %\mv over load + 0.1 \ 2 + 0.3 \ 5 %\mv over temperature + 9 + 27 mv total output voltage range 1.745 1.855 v over sample, line, load, temperature & life output voltage ripple and noise 20mhz bandwidth; fig. 13 & 16 peak-to-peak 50 100 mv full load, see figures 13 & 16 rms 10 20 mv full load, see figures 13 & 16 operating output current range 0 25 a output dc current-limit inception 26 30 34 a output voltage 10% low; fig. 17 output dc current-limit shutdown voltage 0.87 v back-drive current limit while enabled 0.5 1.0 2.0 a negative current drawn from output back-drive current limit while disabled 0 10 50 ma negative current drawn from output maximum output capacitance 35,000 f 1.8vout at 25a resistive load dynamic characteristics input voltage ripple rejection 86 db 120 hz; fig. 20 output voltage during load current transient step change in output current (0.1a/s) 160 mv 50% to 75% to 50% iout max; figure 11 step change in output current (5a/s) 200 mv 50% to 75% to 50% iout max; figure 12 settling time 800 s to within 1% vout nom turn-on transient turn-on time 4 8 ms full load, vout=90% nom.; figs. 9 & 10 start-up inhibit time 180 200 215 ms -40c to +125c; figure f output voltage overshoot 0 % 10,000 f load capacitance, iout = 0a efficiency 100% load 84 % figures 1 - 4 50% load 86 % figures 1 - 4 temperature limits for power derating curves semiconductor junction temperature 125 c package rated to 150c board temperature 125 c ul rated max operating temp 130c transformer temperature 125 c see figures 5 - 8 for derating curves isolation characteristics isolation voltage 2000 v isolation resistance 10 m ? isolation capacitance 470 pf pq60018qga25 electrical characteristics t a =25c, airflow rate=300 lfm, v in =48vdc unless otherwise noted; full operating temperature range is -40c to +100c ambient temperature with appropriate power derating. specifications subject to change without notice.
product # pq60018qga25 phone 1-888-567-9596 doc.# 005-2qg618d rev. b 6/26/02 page 4 technical specification 48v in 1.8v out 25a quarter quarter brick brick parameter p min. typ. max. units notes & conditions feature characteristics switching frequency 220 240 260 khz on/off control (option p) off-state voltage -2 0.8 v on-state voltage 2.4 18 v on/off control (option n) off-state voltage 2.4 18 v on-state voltage -2 0.8 v on/off control (either option) figures a, b pull-up voltage vin/6.5 9.2 v pull-up resistance 40 k ? output voltage trim range -20 +10 % measured across pins 8 & 4; figure c output voltage remote sense range +10 % measured across pins 8 & 4 output over-voltage protection 117 122 127 % over full temp range; % of nominal vout over-temperature shutdown 125 c average pcb temperature over-temperature shutdown restart hysteresis 10 c reliability characteristics calculated mtbf 2.8 10 6 hrs. telcordia tr-nwt-000332; 80% load,300lfm, 40 o c t a calculated mtbf 1.8 10 6 hrs. mil-hdbk-217f; 80% load, 300lfm, 40 o c t a demonstrated mtbf >25 10 6 hrs. field demonstrated mtbf standards compliance parameter p notes standards compliance ul/cul 60950 file # e194341, basic insulation & pollution degree 2 en60950 certified by tuv 72/23/eec 93/68/eec needle flame test (iec 695-2-2) test on entire assembly; board & plastic components ul94v-0 compliant iec 61000-4-2 esd test, 8kv - np, 15kv air - np gr-1089-core section 7 - electrical safety, section 9 - bonding/grounding telcordia (bellcore) gr-513  an external input fuse must always be used to meet these safety requirements qualification testing parameter p # units test conditions qualification testing life test 32 95% rated v in and load, units at derating point, 1000 hours vibration 5 10-55hz sweep, 0.060? total excursion,1 min./sweep, 120 sweeps for 3 axis mechanical shock 5 100g minimum, 2 drops in x and y axis, 1 drop in z axis temperature cycling 10 -40c to 100c, unit temp. ramp 15c/min., 500 cycles power/thermal cycling 5 t operating = min to max, v in = min to max, full load, 100 cycles design marginality 5 t min -10c to t max +10c, 5c steps, v in = min to max, 0-105% load humidity 5 85c, 85% rh, 1000 hours, 2 minutes on and 6 hours off solderability 15 pins mil-std-883, method 2003  extensive characterization testing of all synqor products and manufacturing processes is performed to ensure that we supply robust, reliable product. contact factory for more information about proof of design and proof of manufacturing processes. electrical characteristics (continued) options synqor provides various options for logic sense, pin length and feature set for this family of dc/dc converters. please consult the last page of this specification sheet for information on available options. patents synqor is protected under various patents, including but not lim- ited to u.s. patent # 5,999,417.
product # pq60018qga25 phone 1-888-567-9596 doc.# 005-2qg618d rev. b 6/26/02 page 5 performance curves 48v in 1.8v out 25a quarter quarter brick brick 60 65 70 75 80 85 90 0 3 5 8 10131518202325 load current (a) efficiency (%) 36 vin 48 vin 75 vin figure 1: efficiency at nominal output voltage vs. load current for min- imum, nominal, and maximum input voltage at 25 c. 80 81 82 83 84 85 86 87 88 0 100 200 300 400 500 air flow (lfm) efficiency (%) 25 c 40 c 55 c figure 2: efficiency at nominal output voltage and 60% rated power vs. airflow rate for ambient air temperatures of 25 c, 40 c, and 55 c (nominal input voltage). 0 1 2 3 4 5 6 7 8 9 10 0 3 5 8 10 13 15 18 20 23 25 load current (a) power dissipation (w) 36 vin 48 vin 75 vin figure 3: power dissipation at nominal output voltage vs. load current for minimum, nominal, and maximum input voltage at 25 c. 3.0 3.5 4.0 4.5 5.0 5.5 6.0 0 100 200 300 400 500 air flow (lfm) power dissipation (w) 25 c 40 c 55 c figure 4: power dissipation at nominal output voltage and 60% rated power vs. airflow rate for ambient air temperatures of 25 c, 40 c, and 55 c (nominal input voltage). 0 5 10 15 20 25 0 2540557085 ambient air temperature ( o c) i out (a) 400 lfm (2.0 m/s) 300 lfm (1.5 m/s) 200 lfm (1.0 m/s) 100 lfm (0.5 m/s) 0 lfm (0 m/s) figure 5: maximum output power derating curves vs. ambient air tem- perature for airflow rates of 0 lfm through 400 lfm with air flowing across the converter from pin 3 to pin 1 (nominal input voltage). figure 6: thermal plot of converter at 25 amp load current with 55 c air flowing at the rate of 200 lfm. air is flowing across the converter sideways from pin 3 to pin 1 (nominal input voltage). semiconductor junction temperature is within 1 c of surface temperature
product # pq60018qga25 phone 1-888-567-9596 doc.# 005-2qg618d rev. b 6/26/02 page 6 performance curves 48v in 1.8v out 25a 0 5 10 15 20 25 0 2540557085 ambient air temperature ( o c) i out (a) 400 lfm (2.0 m/s) 300 lfm (1.5 m/s) 200 lfm (1.0 m/s) 100 lfm (0.5 m/s) 0 lfm (0 m/s) quarter quarter brick brick figure 7: maximum output power-derating curves vs. ambient air tem- perature for airflow rates of 0 lfm through 400 lfm with air flowing lengthwise from output to input (nominal input voltage). figure 8: thermal plot of converter at 25 amp load current with 55 c air flowing at the rate of 200 lfm. air is flowing across the converter from output to input (nominal input voltage). figure 9: turn-on transient at full load (resistive load) (2 ms/div). ch 1: vout (1v/div) ch 2: on/off input (5v/div) figure 10: turn-on transient at zero load (2 ms/div). ch 1: vout (1v/div) ch 2: on/off input (5v/div) figure 11 : output voltage response to step-change in load current (50%-75%-50% of iout(max); di/dt = 0.1a/ s). load cap: 10 f, 100 m ? esr tantalum capacitor and 1 f ceramic capacitor. ch 1: vout (100mv/div), ch 2: iout (5a/div). figure 12 : output voltage response to step-change in load current (50%-75%- 50% of iout(max): di/dt = 5a/ s). load cap: 470 f, 30 m ? esr tantalum capacitor and 1 f ceramic cap. ch 1: vout (100mv/div), ch 2: iout (5a/div). semiconductor junction temperature is within 1 c of surface temperature
product # pq60018qga25 phone 1-888-567-9596 doc.# 005-2qg618d rev. b 6/26/02 page 7 performance curves 48v in 1.8v out 25a quarter quarter brick brick figure 14: input terminal ripple current, i c , at full rated output cur- rent and nominal input voltage with 10 h source impedance and 47 f electrolytic capacitor (100 ma/div). see figure 13. figure 15: input reflected ripple current, i s , through a 10 h source inductor at nominal input voltage and rated load current (10 ma/div). see figure 13. figure 16: output voltage ripple at nominal input voltage and rated load current (20 mv/div). load capacitance: 1 f ceramic capacitor and 10 f tantalum capacitor. bandwidth: 20 mhz. see figure 13. figure 13: test set-up diagram showing measurement points for input terminal ripple current (figure 14), input reflected ripple current (figure 15) and output voltage ripple (figure 16). 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 5 10 15 20 25 30 load current (a) output voltage (v) 36 v 48 v 75 v figure 17: output voltage vs. load current showing typical current limit curves and converter shutdown points. figure 18: load current (20a/div) as a function of time when the con- verter attempts to turn on into a 10 m ? short circuit. top trace (2.5ms/div) is an expansion of the on-time portion of the bottom trace. 10 h source impedance dc/dc converter figure 15 figure 14 figure 16 1 f ceramic capacitor 10 f, 100m ? esr tantalum capacitor 47 f, <1 ? esr electrolytic capacitor v source i s i c v out
product # pq60018qga25 phone 1-888-567-9596 doc.# 005-2qg618d rev. b 6/26/02 page 8 performance curves 48v in 1.8v out 25a quarter quarter brick brick 0.0001 0.001 0.01 0.1 1 10 100 1,000 10,000 100,000 hz output impedance ( ? ? ) 36 vin 48 vin 75 vin figure 19: magnitude of incremental output impedance (z out = v out /i out ) for minimum, nominal, and maximum input voltage at full rated power. -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 100 1,000 10,000 100,000 hz forward transmission (db) 36 vin 48 vin 75 vin figure 20: magnitude of incremental forward transmission (ft = v out /v in ) for minimum, nominal, and maximum input voltage at full rated power. -70 -60 -50 -40 -30 -20 -10 0 10 100 1,000 10,000 100,000 hz reverse transmission (db) 36 vin 48 vin 75 vin figure 21: magnitude of incremental reverse transmission (rt = i in /i out ) for minimum, nominal, and maximum input voltage at full rated power. 0.1 1 10 100 10 100 1,000 10,000 100,000 hz input impedance ( ? ? ) 36 vin 48 vin 75 vin figure 22: magnitude of incremental input impedance (z in = v in /i in ) for minimum, nominal, and maximum input voltage at full rated power.
product # pq60018qga25 phone 1-888-567-9596 doc.# 005-2qg618d rev. b 6/26/02 page 9 technical specification 48v in 1.8v out 25a quarter quarter brick brick basic operation and features the power qor series converter uses a two-stage power circuit topology. the first stage is a buck-converter that keeps the out- put voltage constant over variations in line, load, and temper- ature. the second stage uses a transformer to provide the func- tions of input/output isolation and voltage step-down to achieve the low output voltage required. both the first stage and the second stage switch at a fixed fre- quency for predictable emi performance. rectification of the transformer?s output is accomplished with synchronous recti- fiers. these devices, which are mosfets with a very low on- state resistance, dissipate far less energy than schottky diodes. this is the primary reason that the power qor converter has such high efficiency, even at very low output voltages and very high output currents. dissipation throughout the converter is so low that it does not require a heatsink for operation. since a heatsink is not required, the power qor converter does not need a metal base- plate or potting material to help conduct the dissipated energy to the heatsink. the power qor converter can thus be built more simply and reliably using high yield surface mount techniques on a pcb substrate. the power qor series of half-brick and quarter-brick converters uses the industry standard footprint and pin-out configuration. control features remote on/off (pin 2 ): the on/off input, pin 2, per- mits the user to control when the converter is on or off . this input is referenced to the return terminal of the input bus, vin(-). there are two versions of the converter that differ by the sense of the logic used for the on/off input. in the positive logic version, the on/off input is active high (meaning that a high turns the converter on ). in the negative logic version, the on/off signal is active low (meaning that a low turns the converter on ). figure a details five possible cir- cuits for driving the on/off pin. figure b is a detailed look of the internal on/off circuitry. remote sense(+ ) (pins 7 and 5) : the sense(+ ) inputs correct for voltage drops along the conductors that connect the converter?s output pins to the load. pin 7 should be connected to vout(+) and pin 5 should be con- nected to vout(-) at the point on the board where regulation is desired. a remote connection at the load can adjust for a volt- age drop only as large as that specified in this datasheet, that is [ vout(+) - vout(-) ] ? [ sense(+) - sense(-) ] < sense range % x vout pins 7 and 5 must be connected for proper regulation of the output voltage. if these connections are not made, the convert- er will deliver an output voltage that is slightly lower than its specified value. open collector enable circuit figure a: various circuits for driving the on/off pin. figure b: internal on/off pin circuitry remote enable circuit direct logic drive negative logic (permanently enabled) positive logic (permanently enabled) on/off vin( _ ) on/off on/off vin( _ ) on/off 5v ttl/ cmos vin( _ ) on/off vin( _ ) vin( _ ) ttl 5v 50k 274k v in(+) on/off v in( _ ) 50k 100pf
product # pq60018qga25 phone 1-888-567-9596 doc.# 005-2qg618d rev. b 6/26/02 page 10 technical specification 48v in 1.8v out 25a quarter quarter brick brick note : the output over-voltage protection circuit senses the volt- age across the output (pins 8 and 4) to determine when it should trigger, not the voltage across the converter?s sense leads (pins 7 and 5). therefore, the resistive drop on the board should be small enough so that output ovp does not trigger, even during load transients. output voltage trim (pin 6) : the trim input permits the user to adjust the output voltage across the sense leads up or down according to the trim range specifications. to decrease the output voltage, the user should connect a resis- tor between pin 6 and pin 5 (sense(-) input). for a desired decrease of the nominal output voltage, the value of the resis- tor should be r trim-down = ( 511 ) - 10.22 (k ? ) ? % where ?% = ( v nominal ? v desired ) x 100% v nominal to increase the output voltage, the user should connect a resis- tor between pin 6 and pin 7 (sense(+) input). for a desired increase of the nominal output voltage, the value of the resistor should be figure c graphs the relationship between the trim resistor value and rtrim-up and rtrim-down, showing the total range the out- put voltage can be trimmed up or down. figure c: trim graph for 1.8vout module note : the trim feature does not affect the voltage at which the output over-voltage protection circuit is triggered. trimming the output voltage too high may cause the over-voltage protection circuit to engage, particularly during transients. it is not necessary for the user to add capacitance at the trim pin. the node is internally bypassed to eliminate noise. total dc variation of vout: for the converter to meet its full specifications, the maximum variation of the dc value of vout, due to both trimming and remote load voltage drops, should not be greater than that specified for the output voltage trim range. protection features input under-voltage lockout : the converter is designed to turn off when the input voltage is too low, helping avoid an input system instability problem, described in more detail in the application note titled ?input system instability?. the lockout cir- cuitry is a comparator with dc hysteresis. when the input volt- age is rising, it must exceed the typical turn-on voltage threshold value (listed on the specification page) before the converter will turn on. once the converter is on, the input volt- age must fall below the typical turn-off voltage threshold value before the converter will turn off. output current limit : the maximum current limit remains constant as the output voltage drops. however, once the imped- ance of the short across the output is small enough to make the output voltage drop below the specified output dc current- limit shutdown voltage, the converter turns off. the converter then enters a ?hiccup mode? where it repeatedly turns on and off at a 5 hz (nominal) frequency with a 5% duty cycle until the short circuit condition is removed. this prevents excessive heating of the converter or the load board. output over-voltage limit : if the voltage across the output pins exceeds the output over-voltage protection threshold, the converter will immediately stop switching. this prevents dam- age to the load circuit due to 1) excessive series resistance in output current path from converter output pins to sense point, 2) a release of a short-circuit condition, or 3) a release of a cur- rent limit condition. load capacitance determines exactly how high the output voltage will rise in response to these conditions. after 200 ms the converter will automatically restart. over-temperature shutdown : a temperature sensor on the converter senses the average temperature of the module. the thermal shutdown circuit is designed to turn the converter off when the temperature at the sensed location reaches the r trim-up (k ? ) ) where v out = nominal output voltage = ( _ 511 _ 10.22 5.11v out ( 100+ ? % ) 1.225 ? % ? % 1 10 100 1,000 10,000 0 2 4 6 8 10 12 14 16 18 20 trim resistance (kohms) % increase vout % decrease vout
product # pq60018qga25 phone 1-888-567-9596 doc.# 005-2qg618d rev. b 6/26/02 page 11 technical specification 48v in 1.8v out 25a quarter quarter brick brick over-temperature shutdown value. it will allow the converter to turn on again when the temperature of the sensed location falls by the amount of the over-temperature shutdown restart hysteresis value. application considerations input system instability: this condition can occur because any dc/dc converter appears incrementally as a negative resistance load. a detailed application note titled ?input system instability? is available on the synqor web site (www.synqor.com) which provides an understanding of why this instability arises, and shows the preferred solution for cor- recting it. application circuits: figure d below provides a typical cir- cuit diagram which details the input filtering and voltage trim- ming. input filtering and external capacitance: figure e below provides a diagram showing the internal input filter com- ponents. this filter dramatically reduces input terminal ripple current, which otherwise could exceed the rating of an external electrolytic input capacitor. the recommended external input capacitance is specified in the ?input characterisitcs? section. more detailed information is available in the application note titled ?emi characteristics? on the synqor website. v in external input filter trim v in(+) i load c load l c v out(+) r trim-up or r trim-down v sense(+) on/off v in( _ ) v in(+) v in( _ ) v out( _ ) v sense( _ ) electrolytic capacitor 33f esr ? 1 ? figure d: typical application circuit (negative logic unit, permanently enabled). figure e: internal input filter diagram (component values listed on page 3) .
product # pq60018qga25 phone 1-888-567-9596 doc.# 005-2qg618d rev. b 6/26/02 page 12 technical specification 48v in 1.8v out 25a quarter quarter brick brick startup inhibit period: the startup inhibit period ensures that the converter will remain off for at least 200ms when it is shut down for any reason. when an output short is present, this generates a 5hz "hiccup mode," which prevents the con- verter from overheating. in all, there are seven ways that the converter can be shut down, initiating a startup inhibit period:  input under-voltage lockout  input over-voltage shutdown (not present in quarter-brick)  output over-voltage protection  over temperature shutdown  current limit  short circuit protection  turned off by the on/off input figure f shows three turn-on scenarios, where a startup inhibit period is initiated at t 0 , t 1 , and t 2 : before time t 0 , when the input voltage is below the uvl thresh- old, the unit is disabled by the input under-voltage lockout fea- ture. when the input voltage rises above the uvl threshold, the input under-voltage lockout is released, and a startup inhibit period is initiated. at the end of this delay, the on/off pin is evaluated, and since it is active, the unit turns on. at time t 1 , the unit is disabled by the on/off pin, and it can- not be enabled again until the startup inhibit period has elapsed. when the on/off pin goes high after t 2 , the startup inhibit period has elapsed, and the output turns on within the typical turn-on time. under-voltage lockout turn-on threshold on/off (pos logic) figure f: startup inhibit period (turn-on time not to scale) v out v in 200ms 200ms 200ms (typical start-up inhibit period) t 0 t 1 t 2 t 4ms (typical turn on time) on on on off off
product # pq60018qga25 phone 1-888-567-9596 doc.# 005-2qg618d rev. b 6/26/02 page 13 technical specification 48v in 1.8v out 25a quarter quarter brick brick part numbering system the part numbering system for synqor?s power qor dc/dc converters follows the format shown in the example below. the first 12 characters comprise the base part number and the last 3 characters indicate available options. although there are no default values for enable logic and pin length, the most common options are negative logic and 0.145? pins. these part numbers are more likely to be readily avail- able in stock for evaluation and prototype quantities. application notes a variety of application notes and technical white papers can be downloaded in pdf format at www.synqor.com. ordering information the tables below show the valid model numbers and order- ing options for converters in this product family. when ordering synqor converters, please ensure that you use the complete 15 character part number consisting of the 12 character base part number and the additional 3 characters for options. pq60 versions of the modules below indicate a unit with 100v for 100ms input voltage transient withstand (telcordia gr-513). the following option choices must be included in place of the x y z spaces in the model numbers listed above. w arranty synqor offers a three (3) year limited warranty. complete warranty information is listed on our web site or is available upon request from synqor. information furnished by synqor is believed to be accurate and reliable. however, no responsibility is assumed by synqor for its use, nor for any infringements of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of synqor. contact synqor for further information: phone : 508-485-8434 t oll free : 888-567-9596 fax : 508-485-8414 e-mail : sales@synqor.com w eb : www.synqor.com address : 188 central street hudson, ma 01749 output max output voltage current pq48015qga25 xyz 35 - 75 v 1.5 v 25 a pq48018qga25 xyz 35 - 75 v 1.8 v 25 a pq48020qga25 xyz 35 - 75 v 2.0 v 25 a pq48025qga25 xyz 35 - 75 v 2.5 v 25 a pq48033qga25 xyz 35 - 75 v 3.3 v 25 a pq48050qga20 xyz 35 - 75 v 5.0 v 20 a pq48060qga17 xyz 35 - 75 v 6.0 v 16.7 a pq48120qga08 xyz 35 - 75 v 12 v 8.3 a pq48150qga07 xyz 35 - 75 v 15 v 6.7 a model number input voltage enable pin feature logic length set p - positive n - negative k - 0.110" n - 0.145" r - 0.180" y - 0.250" s - standard options description: x y z pq 48 033 h t a 50 n k s product family package size performance level thermal design output current options (see ordering information) input voltage output voltage


▲Up To Search▲   

 
Price & Availability of PQ60018QGA25NRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X